PART |
Description |
Maker |
2BC-2B-107E 1BC-1A-109E HI-GITALIASRL-1BC-4A-140E |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.023A (COIL), 7VDC (COIL), 40mW (COIL), 2A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.014A (COIL), 7.1VDC (COIL), 25mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.032A (COIL), 3.2VDC (COIL), 25mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.071A (COIL), 1.4VDC (COIL), 25mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.014A (COIL), 12VDC (COIL), 40mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
HI-G ITALIA SRL
|
G6RL-1A-ASI-PL G6RL-1-ASI-PL G6RL-1 G6RL-1-ASI G6R |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.073A (COIL), 3VDC (COIL), 220mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.05A (COIL), 6VDC (COIL), 300mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.025A (COIL), 12VDC (COIL), 300mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.101A (COIL), 3VDC (COIL), 300mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT PCB Relay
|
Omron Electronics LLC
|
9400-41C2999 9400-44Y2999 9400-43Y2999 9400-41Y299 |
Single-pole relay used extensively in HVAC applications POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.125A (COIL), 24VDC (COIL), 3000mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 4000mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 4000mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.125A (COIL), 24VDC (COIL), 3000mW (COIL), PANEL MOUNT
|
Tyco Electronics
|
FTR-K1TAK018T FTR-K1TJK018T FTR-K1TAK024T FTR-K1TJ |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.008A (COIL), 48VDC (COIL), 430mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.014A (COIL), 28VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.022A (COIL), 18VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.033A (COIL), 12VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.009A (COIL), 48VDC (COIL), 430mW (COIL), 12A (CONTACT), 300VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER RELAY 1 POLE - 17A Tab Terminal
|
FUJITSU COMPONENT LTD Fujitsu Component Limited.
|
VE-18H-K-HV-VD VE-18HMS-K-HV-VD VE-18HM5-K-HV-VD V |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.02A (COIL), 18VDC (COIL), 360mW (COIL), THROUGH HOLE-STRAIGHT MOUNT LEAD FREE POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.014A (COIL), 18VDC (COIL), 250mW (COIL), THROUGH HOLE-STRAIGHT MOUNT LEAD FREE POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.02A (COIL), 18VDC (COIL), 360mW (COIL), THROUGH HOLE-STRAIGHT MOUNT LEAD FREE POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.015A (COIL), 24VDC (COIL), 360mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.04A (COIL), 9VDC (COIL), 360mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.03A (COIL), 12VDC (COIL), 360mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU Component., Ltd. FUJITSU COMPONENT LTD
|
FTR-P3CN009W1NIL FTR-P3CN012W1-01 FTR-P3CN012W1-05 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.05A (COIL), 12VDC (COIL), 600mW (COIL), 25A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
|
FUJITSU COMPONENT LTD Fujitsu Component Limited.
|
ALZ21B05TW ALZ11B05W ALZ11B09TW |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.08A (COIL), 5VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.08A (COIL), 5VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.044A (COIL), 9VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
|
T7NV1D1-05 T7NV5D1-06 T7NV5D1-09 T7NV5D1-05 T7NV1D |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.072A (COIL), 5VDC (COIL), 360mW (COIL), 10A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.06A (COIL), 6VDC (COIL), 360mW (COIL), 10A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.04A (COIL), 9VDC (COIL), 360mW (COIL), 10A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.072A (COIL), 5VDC (COIL), 360mW (COIL), 10A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.12A (COIL), 3VDC (COIL), 360mW (COIL), 10A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.04A (COIL), 9VDC (COIL), 360mW (COIL), 10A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Buchanan / Tyco Electronics Piher Sensors ?Controls SA
|
G8JN-1C6T-R-DC12 G8JN-1C6T-F-DC12 G8JN-1C6T-F-R-DC |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.16A (COIL), 12VDC (COIL), 1920mW (COIL), 35A (CONTACT), 16VDC (CONTACT), PANEL MOUNT Automotive Relay
|
Omron Electronics LLC
|
8XAX46-120VDC 8XAX46-240VDC |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.058A (COIL), 120VDC (COIL), 7000mW (COIL), 30A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.029A (COIL), 240VDC (COIL), 7000mW (COIL), 30A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
Struthers-Dunn
|
ACJ5112 ACJ1212 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.067A (COIL), 12VDC (COIL), 800mW (COIL), 10A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.053A (COIL), 12VDC (COIL), 640mW (COIL), 10A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
|
|